Part Number Hot Search : 
00BGI BR206 MTN4156 D0415 1N4556A R8C1A STP6NB50 R7222605
Product Description
Full Text Search
 

To Download 3GPW8G-A-150T-60000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk euro quartz 8 pin dual-in-line gpw8 pecl vcxo description frequency range 750khz to 800mhz lvpecl output supply voltage 3.3 vdc phase jitter 2.35ps typical pull range from 30ppm to 150ppm outline & dimensions frequency range: 750.0khz to 800.0mhz supply voltage: 3.3 vdc 5% output logic: lvpecl rms period jitter: 4.3ps typical peak to peak jitter: 27.0ps typical phase jitter: 2.35ps typical initial frequency accuracy: tune to the nominal frequency with vc= 1.65 0.2vdc output voltage high (1): vdd-1.025v minimum vdd-0.880v maximum output voltage low (0): vdd-1.810v minimum vdd-1.620v maximum (rl=50 to vdd-2v) pulling range: from 30ppm to 150ppm control voltage range: 1.65 0.35 volts temperature stability: see table output load: 50 w into vdd or thevenin equiv. rise/fall times: 0.5ns typ., 0.7ns max. 20% vdd to 80% vdd duty cycle: 50% 5% (measured at vdd-1.3v) start-up time: 10ms maximum, 5ms typical current consumption: 75ma maximum at 212.5mhz 80ma maximum at 622.08mhz static discharge protection: 2kv maximum storage temperature: -55 to +150c ageing: 2ppm per year maximum enable/disable: not implemented, 4 pin package rohs status: fully compliant or non-compliant versions available specification part numbering example: 3gpw8g-b-80n-60.000 supply voltage 3 = +3.3v series designator gpw8 rohs status g = rohs compliant blank = rohs non-compliant stability over temperature range (see table) pullability in ppm pullability determinator n = minimum m = maximum t = typical frequency in mhz gpw8 vcxos are packaged in an industry-standard 8 pin dual-in- line package. typical phase jitter for gpw series vcxos is 2.35ps. output is lvpecl. applications include phase lock loop, sonet/atm, set-top boxes, mpeg , audio/video modulation, video game consoles and hdtv. 750.0khz to 800.0mhz stability code frequency stability a 25 0~+70c b 50 0~+70c c 100 0~+70c d 25 -40~+85c e 50 -40~+85c f 100 -40~+85c if non-standard frequency stability is required use ?i? followed by stability, i.e. i20 for 20ppm stability ppm temp. range


▲Up To Search▲   

 
Price & Availability of 3GPW8G-A-150T-60000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X